Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70741 Datasheet(PDF) 1 Page - NEC

Part # UPD70741
Description  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70741 Datasheet(HTML) 1 Page - NEC

  UPD70741 Datasheet HTML 1Page - NEC UPD70741 Datasheet HTML 2Page - NEC UPD70741 Datasheet HTML 3Page - NEC UPD70741 Datasheet HTML 4Page - NEC UPD70741 Datasheet HTML 5Page - NEC UPD70741 Datasheet HTML 6Page - NEC UPD70741 Datasheet HTML 7Page - NEC UPD70741 Datasheet HTML 8Page - NEC UPD70741 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD70741
V821TM
32-/16-BIT MICROPROCESSOR
The
µPD70741 (V821) is a 32/16-bit RISC microprocessor that uses, as its processor core, the high-
performance 32-bit microprocessor
µPD70732 (V810TM) designed for built-in control applications. It incorporates
peripheral functions such as a DRAM/ROM controller, 2-channel DMA controller, real-time pulse unit, serial
interface, and interrupt controller.
The V821, which offers quick real-time response, high-speed integer instructions, bit string instructions, and
floating-point instructions, is ideally suited to use in OA equipment such as printers and facsimiles, image
processing devices such as those used in navigation units, portable devices, and other devices demanding
excellent cost performance.
The functions are described in detail in the following User’s Manuals, which should be read before
starting design work.
• V821 User’s Manual Hardware
: U10077E
• V810 FamilyTM User’s Manual Architecture : U10082E
FEATURES
The V810 32-bit microprocessor is used as the CPU core
•
Separate address/data bus
Address bus : 24 bits
Data bus
: 16 bits
•
Built-in 1-Kbyte instruction cache memory
•
Pipeline structure of 1-clock pitch
•
Internal 4-Gbyte linear address space
•
32-bit general-purpose registers: 32
Instructions ideal for various application fields
•
Floating-point operation instructions and bit string
instructions
Interrupts controller
•
Nonmaskable : 1 external input
•
Maskable
: 8 external inputs and 11 types of
internal sources
•
Priorities can be specified in units of four groups.
Wait control unit
•
Capable of CS control over four blocks in both memory
and I/O spaces.
•
Linear address space of each block: 16M bytes
Memory access control functions
• Supports DRAM high-speed page mode.
• Supports page-ROM page mode.
DMA controller (DMAC): 2 channels
• Maximum transfer count: 65 536
• Two transfer types (fly-by (1-cycle) transfer and
2-cycle transfer)
• Three transfer modes (single transfer, single-
step transfer, and block transfer)
Serial interfaces : 2 channels
• Asynchronous serial interface (UART):
1 channel
• Synchronous serial interface (CSI):
1 channel
Real-time pulse unit
• 16-bit timer/event counter : 1 channel
• 16-bit interval timer
: 1 channel
Watchdog timer functions
Clock generator functions
Standby functions (HALT, IDLE, and STOP modes)
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. U11678EJ4V0DS00 (4th edition)
Date Published June 1998 J CP(K)
Printed in Japan
©
1996


Similar Part No. - UPD70741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70741 RENESAS-UPD70741 Datasheet
691Kb / 114P
MOS INTEGRATED CIRCUIT
1996
UPD70741GC-25-8EU RENESAS-UPD70741GC-25-8EU Datasheet
691Kb / 114P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD70741

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
16-/32-Bit Virtual Memory Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Samsung semiconductor
S3C2440X SAMSUNG-S3C2440X Datasheet
6Mb / 429P
16/32-bit RISC microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
List of Unclassifed Man...
68000 ETC1-68000 Datasheet
4Mb / 68P
16-/32-Bit Microprocessor
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
16/32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com