Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4013 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 17Page - STMicroelectronics AN4013 Datasheet HTML 18Page - STMicroelectronics AN4013 Datasheet HTML 19Page - STMicroelectronics AN4013 Datasheet HTML 20Page - STMicroelectronics AN4013 Datasheet HTML 21Page - STMicroelectronics AN4013 Datasheet HTML 22Page - STMicroelectronics AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID022500 Rev 4
21/37
AN4013
Timer synchronization
36
3
Timer synchronization
3.1
Timer system link
STM32 timers are linked together internally for timer synchronization or chaining. Each timer
has several internal trigger inputs and outputs. These signals allow the timer to be
connected with other timers.
Figure 4. Timer system link
3.2
Master configuration
When a timer is selected as a master timer, the corresponding trigger output signal is used
by the slave internal trigger (when configured). The trigger output can be selected from the
following list:
Reset: the UG bit from the EGR register is used as a trigger output (TRGO).
Enable: the counter enable signal is used as a trigger output (TRGO). It is used to start
several timers at the same time, or to control a window in which a slave timer is
enabled.
Update: the update event is selected as trigger output (TRGO). For example, a master
timer can be used as a prescaler for a slave timer.
Compare pulse: the trigger output sends a positive pulse when the CC1IF flag is to be
set (even if it was already high) as soon as a capture or a compare match occurs.
OC1Ref: OC1REF signal is used as trigger output (TRGO).
OC2Ref: OC2REF signal is used as trigger output (TRGO).
OC3Ref: OC3REF signal is used as trigger output (TRGO).
OC4Ref: OC4REF signal is used as trigger output (TRGO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com