Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4013 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 19Page - STMicroelectronics AN4013 Datasheet HTML 20Page - STMicroelectronics AN4013 Datasheet HTML 21Page - STMicroelectronics AN4013 Datasheet HTML 22Page - STMicroelectronics AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DocID022500 Rev 4
23/37
AN4013
Timer synchronization
36
3.3
Slave configuration
The slave timer is connected to the master timer through the input trigger. Each ITRx is
connected internally to another timer, and this connection is specific for each STM32
product.
The slave mode can be:
Reset mode: rising edge of the selected trigger input (TRGI) reinitializes the counter
and generates an update of the registers.
Gated mode: the counter clock is enabled when the trigger input (TRGI) is high. The
counter stops (but is not reset) as soon as the trigger becomes low. Both start and stop
of the counter are controlled.
Trigger mode: the counter starts at a rising edge of the trigger TRGI (but it is not
reset). Only the start of the counter is controlled.
External clock mode 1: rising edges of the selected trigger (TRGI) clock the counter.
Combined Reset + Trigger Mode - Rising edge of the selected trigger input (TRGI)
reinitializes the counter, generates an update of the registers and starts the counter.
This mode is present only for STM32F30xC/Bx and STM32F358xC.
To configure a timer in slave mode:
1.
Select the slave mode to be used by writing SMS (Slave Mode Selection) bits in SMCR
register.
2.
Select the internal trigger to be used by writing TS (Trigger selection) bits in SMCR
register
For more details on using the timer in this mode, refer to the examples provided in the
STM32xx standard peripheral libraries, in the /Project/STM32xx_StdPeriph_Examples/
TIM/Cascade_Synchro, /ExtTrigger_Synchro and /Parallel_Synchro folders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com