Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4013 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics AN4013 Datasheet HTML 32Page - STMicroelectronics AN4013 Datasheet HTML 33Page - STMicroelectronics AN4013 Datasheet HTML 34Page - STMicroelectronics AN4013 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID022500 Rev 4
31/37
AN4013
Advanced features for motor control
36
Figure 8. Position at X2 resolution
Note:
The counter in case of resolution X2 can also be incremented on the TI1 edge.
In STM32 timer encoder interface mode, the encoder mode3 corresponds to resolution X4.
In this mode, the counter counts up/down on both TI1 and TI2 edges.
The resolution X2 is selected when encoder mode 1 or mode 2 is selected, that is, the
counter counts up/down on TI2 edge depending on the TI1 level, or the counter counts
up/down on TI1 edge depending on TI2 level.
How to use the encoder interface
An external incremental encoder can be connected directly to the MCU without external
interface logic. The third encoder output (index) which indicates the mechanical zero
position, may be connected to an external interrupt input and trigger a counter reset.
The output signal of the incremental encoder is filtered by the STM32 timer input filter block
to reject all noise sources that typically occur in motor systems. This filter is used as
described in Section 2.3: Timer input capture mode.
TIM configuration in encoder mode
1.
Select and configure the timer input:
Input selection:
–
TI1 connected to TI1FP1 CC1S='01' in CCMR1 register
–
TI2 connected to TI2FP2 CC2S='01' in CCMR1 register
Input polarity:
–
CC1P='0' and CC1NP='0'(CCER register, TI1FP1 non-inverted, TI1FP1=TI1).
–
CC2P='0' and CC2NP='0'(CCER register, TI1FP2 non-inverted, TI1FP2= TI2).
2.
Select the encoder mode
Encoder mode1 (resolution X2 on TI2): SMS=’001’ in SMCR register.
Encoder mode2 (resolution X2 on TI1): SMS=’010' in SMCR register.
Encoder mode3 (resolution X4 on TI1 and TI2): SMS=’011’ in SMCR register.
3.
Enable the timer counter
Set the counter enable bit, CEN='1' in CR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com