Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4073 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 9Page - STMicroelectronics AN4073 Datasheet HTML 10Page - STMicroelectronics AN4073 Datasheet HTML 11Page - STMicroelectronics AN4073 Datasheet HTML 12Page - STMicroelectronics AN4073 Datasheet HTML 13Page - STMicroelectronics AN4073 Datasheet HTML 14Page - STMicroelectronics AN4073 Datasheet HTML 15Page - STMicroelectronics AN4073 Datasheet HTML 16Page - STMicroelectronics AN4073 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID022945 Rev 5
13/32
AN4073
STM32F2 and STM32F4 practical measurements
31
Figure 5. Distribution of ADC codes when ART is ON and VIN = 0.3 V
3.2.2
ADC measurements when ART is OFF
Table 3 and Figure 6 show the ADC code distribution when ART is OFF.
0
5000
10000
15000
20000
25000
30000
35000
40000
Codes (dec)
no average
average 4
average 6
average 8
average 8 -4
MS19235V1
Table 3. Distribution of ADC codes when ART is OFF (units in LSB)
VIN
Raw data
Averaging by 4
Averaging by 6
Averaging by 8
Averaging by 8
delete 4
Dis-
persion
(LSB)
Sample
over
+-5 LSB
Dis-
persion
(LSB)
Sample
over
+-5 LSB
Dis-
persion
(LSB)
Sample
over
+-5 LSB
Dis-
persion
(LSB)
Sample
over
+-5 LSB
Dis-
persion
(LSB)
Sample
over
+-5 LSB
0.3 V
18
4.07 %
11
0.004
9
0 %
7
0 %
8
0 %
1.65 V
20
5.99 %
11
0.01 %
11
0.002 %
10
0 %
9
0 %
3 V
24
16.28 %
(1)
18
6.92 %
13
0.044 %
11
0.008 %
12
0.028 %
1. Worst case found in a total of more than100 tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com