Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4073 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 17Page - STMicroelectronics AN4073 Datasheet HTML 18Page - STMicroelectronics AN4073 Datasheet HTML 19Page - STMicroelectronics AN4073 Datasheet HTML 20Page - STMicroelectronics AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics AN4073 Datasheet HTML 23Page - STMicroelectronics AN4073 Datasheet HTML 24Page - STMicroelectronics AN4073 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID022945 Rev 5
21/32
AN4073
STM32F4 ADC accuracy options
31
Figure 10. Distribution of ADC codes when ART is ON and VIN = 0.3 V
In the same conditions, when ART is ON, using the default STM32 configuration with
STM32F2xx or STM32F405/F415/F407/F417 would give a maximum dispersion of 21 LSB
(refer to Table 2) while, in this case, the maximum dispersion is 9 LSB.
This confirms that the default STM32 configuration embedded on these products allows to
achieve about 50 % of dispersion code versus STM32F2xx/F405/F415/F407/F417, and
about 75 % when Option 2 is active.
2.
ADC measurements when ART is OFF
The following table and graph show the ADC code distribution when ART is OFF at three
different conditions: Default STM32 configuration, Option 1 and Option 2 are active.
Table 8.
Distribution of ADC codes when ART is OFF
VIN
Default
Option 1
Option 2
Dispersion
(LSB)
sample over
+-5 LSB
Dispersion
(LSB)
sample
over +5 LSB
Dispersion
(LSB)
sample over
+- 5 LSB
0.3 V
9
0%
5
0%
5
0%
1.65 V
10
0%
7
0%
7
0%
3V
8
0%
6
0%
6
0%
0
5000
10000
15000
20000
25000
30000
371
372
373
374
375
376
377
code (dec)
Default
Option 2
MS30758V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com