Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4073 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 18Page - STMicroelectronics AN4073 Datasheet HTML 19Page - STMicroelectronics AN4073 Datasheet HTML 20Page - STMicroelectronics AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics AN4073 Datasheet HTML 23Page - STMicroelectronics AN4073 Datasheet HTML 24Page - STMicroelectronics AN4073 Datasheet HTML 25Page - STMicroelectronics AN4073 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
STM32F4 ADC accuracy options
AN4073
22/32
DocID022945 Rev 5
Figure 11. Distribution of ADC codes when ART is OFF and VIN = 1.65 V
In the same conditions, when ART is OFF, using the Default STM32 configuration with
STM32F2xx or STM32F405/F415/F407/F417 gives a maximum dispersion of 24 LSB (refer
to Table 3) while, in this case, the maximum dispersion is 10 LSB.
This confirms that the default STM32 configuration embedded on these products allows to
achieve more than 50 % of dispersion code versus STM32F2xx/F405/F415/F407/F417, and
about 75 % when one of the options is active.
3.
ADC measurements when (Data+Instruction) cache ON + Prefetch OFF
The following table and graph show the ADC code distribution when (Data + Instruction)
cache ON and prefetch OFF at three different conditions: default STM32 configuration,
Option 1 and Option 2 are active.
0
5000
10000
15000
20000
25000
30000
2044
2045
2046
2047
2048
2049
2050
2051
2052
2053
code (dec)
Default
Option 1
Option 2
MS30759V1
Table 9. Distribution of ADC codes when (Data+Instruction) cache ON + prefetch OFF
VIN
Default
Option 1
Option 2
Dispersion
(LSB)
sample over +-
5 LSB
Dispersion
(LSB)
sample over
+-5 LSB
Dispersion
(LSB)
sample over +-
5 LSB
0.3 V
7
0%
4
0%
4
0%
1.65 V
8
0%
6
0%
6
0%
3V
7
0%
6
0%
7
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com