Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 101 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 97Page - STMicroelectronics PM0214 Datasheet HTML 98Page - STMicroelectronics PM0214 Datasheet HTML 99Page - STMicroelectronics PM0214 Datasheet HTML 100Page - STMicroelectronics PM0214 Datasheet HTML 101Page - STMicroelectronics PM0214 Datasheet HTML 102Page - STMicroelectronics PM0214 Datasheet HTML 103Page - STMicroelectronics PM0214 Datasheet HTML 104Page - STMicroelectronics PM0214 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 245 page
background image
DocID022708 Rev 4
101/245
PM0214
The STM32 Cortex-M4 instruction set
244
; Adds top halfword of R3 to bottom halfword of R2 and
; writes to top halfword of R7.
3.5.18
UHADD16 and UHADD8
Unsigned halving add 16 and Unsigned halving add 8
Syntax
op{cond}{Rd,} Rn, Rm
where:
•
op is any of:
UHADD16: Unsigned halving add 16.
UHADD8: Unsigned halving add 8.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘Rn’ is the register holding the first operand
•
‘Rm’ is the register holding the second operand
Operation
Use these instructions to add 16- and 8-bit data and then to halve the result before writing
the result to the destination register:
The UHADD16 instruction:
1.
Adds each halfword from the first operand to the corresponding halfword of the second
operand.
2.
Shuffles the halfword result by one bit to the right, halving the data.
3.
Writes the unsigned results to the corresponding halfword in the destination register.
The UHADD8 instruction:
1.
Adds each byte of the first operand to the corresponding byte of the second operand.
2.
Shuffles the byte result by one bit to the right, halving the data.
3.
Writes the unsigned results in the corresponding byte in the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not change the flags.
Examples
UHADD16 R7, R3
; Adds halfwords in R7 to corresponding halfword of R3 &
; writes halved result to corresponding halfword in R7
UHADD8
R4, R0, R5 ; Adds bytes of R0 to corresponding byte in R5 and writes
; halved result to corresponding byte in R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com