Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 24Page - STMicroelectronics PM0214 Datasheet HTML 25Page - STMicroelectronics PM0214 Datasheet HTML 26Page - STMicroelectronics PM0214 Datasheet HTML 27Page - STMicroelectronics PM0214 Datasheet HTML 28Page - STMicroelectronics PM0214 Datasheet HTML 29Page - STMicroelectronics PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics PM0214 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 245 page
background image
The Cortex-M4 processor
PM0214
28/245
DocID022708 Rev 4
2.2.1
Memory regions, types and attributes
The memory map and the programming of the MPU splits the memory map into regions.
Each region has a defined memory type, and some regions have additional memory
attributes. The memory type and attributes determine the behavior of accesses to the
region.
The memory types are:
The different ordering requirements for Device and Strongly-ordered memory mean that the
memory system can buffer a write to Device memory, but must not buffer a write to Strongly-
ordered memory.
The additional memory attributes include:
2.2.2
Memory system ordering of memory accesses
For most memory accesses caused by explicit memory access instructions, the memory
system does not guarantee that the order in which the accesses complete matches the
program order of the instructions, providing this does not affect the behavior of the
instruction sequence. Normally, if correct program execution depends on two memory
accesses completing in program order, software must insert a memory barrier instruction
between the memory access instructions, see Section 2.2.4: Software ordering of memory
accesses on page 30.
However, the memory system does guarantee some ordering of accesses to Device and
Strongly-ordered memory. For two memory access instructions A1 and A2, if A1 occurs
before A2 in program order, the ordering of the memory accesses caused by two
instructions is:
Normal
The processor can re-order transactions for efficiency, or
perform speculative reads.
Device
The processor preserves transaction order relative to other
transactions to Device or Strongly-ordered memory.
Strongly-ordered
The processor preserves transaction order relative to all other
transactions.
Execute Never (XN)
Means the processor prevents instruction accesses. Any
attempt to fetch an instruction from an XN region causes a
memory management fault exception.
Table 12. Ordering of memory accesses(1)
1. - means that the memory system does not guarantee the ordering of the accesses.
< means that accesses are observed in program order, that is, A1 is always observed before A2.
A1
A2
Normal access
Device access
Strongly
ordered
access
Non-shareable
Shareable
Normal access
-
-
-
-
Device access, non-shareable
-
<
-
<
Device access, shareable
-
-
<
<
Strongly ordered access
-
<
<
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com