Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 49 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 45Page - STMicroelectronics PM0214 Datasheet HTML 46Page - STMicroelectronics PM0214 Datasheet HTML 47Page - STMicroelectronics PM0214 Datasheet HTML 48Page - STMicroelectronics PM0214 Datasheet HTML 49Page - STMicroelectronics PM0214 Datasheet HTML 50Page - STMicroelectronics PM0214 Datasheet HTML 51Page - STMicroelectronics PM0214 Datasheet HTML 52Page - STMicroelectronics PM0214 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 245 page
background image
DocID022708 Rev 4
49/245
PM0214
The STM32 Cortex-M4 instruction set
244
3
The STM32 Cortex-M4 instruction set
This chapter is the reference material for the Cortex-M4 instruction set description in a User
Guide. The following sections give general information:
Section 3.1: Instruction set summary on page 49
Section 3.2: CMSIS intrinsic functions on page 57
Section 3.3: About the instruction descriptions on page 59
Each of the following sections describes a functional group of Cortex-M4 instructions.
Together they describe all the instructions supported by the Cortex-M4 processor:
Section 3.4: Memory access instructions on page 68
Section 3.5: General data processing instructions on page 80
Section 3.6: Multiply and divide instructions on page 108
Section 3.7: Saturating instructions on page 124
Section 3.8: Packing and unpacking instructions on page 132
Section 3.9: Bitfield instructions on page 136
Section 3.10: Floating-point instructions on page 148
Section 3.11: Miscellaneous instructions on page 170
3.1
Instruction set summary
The processor implements a version of the thumb instruction set. Table 21 lists the
supported instructions.
In Table 21:
Angle brackets, <>, enclose alternative forms of the operand
Braces, {}, enclose optional operands
The operands column is not exhaustive
Op2 is a flexible second operand that can be either a register or a constant
Most instructions can use an optional condition code suffix
For more information on the instructions and operands, see the instruction descriptions.
Table 21. Cortex-M4 instructions
Mnemonic
Operands
Brief description
Flags
Page
ADC, ADCS {Rd,} Rn, Op2
Add with carry
N,Z,C,V 3.5.1 on page 82
ADD, ADDS {Rd,} Rn, Op2
Add
N,Z,C,V 3.5.1 on page 82
ADD, ADDW {Rd,} Rn, #imm12
Add
N,Z,C,V 3.5.1 on page 82
ADR
Rd, label
Load PC-relative address
3.4.1 on page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com