Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 18Page - STMicroelectronics PM0214 Datasheet HTML 19Page - STMicroelectronics PM0214 Datasheet HTML 20Page - STMicroelectronics PM0214 Datasheet HTML 21Page - STMicroelectronics PM0214 Datasheet HTML 22Page - STMicroelectronics PM0214 Datasheet HTML 23Page - STMicroelectronics PM0214 Datasheet HTML 24Page - STMicroelectronics PM0214 Datasheet HTML 25Page - STMicroelectronics PM0214 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 245 page
background image
The Cortex-M4 processor
PM0214
22/245
DocID022708 Rev 4
Attempts to read the EPSR directly through application software using the MSR instruction
always return zero. Attempts to write the EPSR using the MSR instruction in application
software are ignored. Fault handlers can examine EPSR value in the stacked PSR to
indicate the operation that is at fault. See Section 2.3.7: Exception entry and return on
page 41.
Interruptible-continuable instructions
When an interrupt occurs during the execution of an LDM STM, PUSH, POP, VLDM, VSTM,
VPUSH, or VPOP instruction, the processor:
Stops the load multiple or store multiple instruction operation temporarily
Stores the next register operand in the multiple operation to EPSR bits[15:12].
After servicing the interrupt, the processor:
Returns to the register pointed to by bits[15:12]
Resumes execution of the multiple load or store instruction.
When the EPSR holds ICI execution state, bits[26:25,11:10] are zero.
If-Then block
The If-Then block contains up to four instructions following a 16-bit IT instruction. Each
instruction in the block is conditional. The conditions for the instructions are either all the
same, or some can be the inverse of others. See IT on page 144 for more information.
Thumb state
The Cortex-M4 processor only supports execution of instructions in Thumb state. The
following can clear the T bit to 0:
Instructions BLX, BX and POP{PC}
Restoration from the stacked xPSR value on an exception return
Bit[0] of the vector value on an exception entry or reset
Attempting to execute instructions when the T bit is 0 results in a fault or lockup. See Lockup
on page 46 for more information.
Exception mask registers
The exception mask registers disable the handling of exceptions by the processor. Disable
exceptions where they might impact on timing critical tasks.
Table 7. EPSR bit definitions
Bits
Description
Bits 31:27
Reserved.
Bits 26:25, 15:10
ICI: Interruptible-continuable instruction bits, see Interruptible-continuable
instructions on page 22.
Bits 26:25, 15:10
IT: Indicates the execution state bits of the IT instruction, see
IT on page 144.
Bit 24
T: Thumb state bit.
Bits 23:16
Reserved.
Bits 9:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com