Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0585 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0585
Description  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 9Page - STMicroelectronics UM0585 Datasheet HTML 10Page - STMicroelectronics UM0585 Datasheet HTML 11Page - STMicroelectronics UM0585 Datasheet HTML 12Page - STMicroelectronics UM0585 Datasheet HTML 13Page - STMicroelectronics UM0585 Datasheet HTML 14Page - STMicroelectronics UM0585 Datasheet HTML 15Page - STMicroelectronics UM0585 Datasheet HTML 16Page - STMicroelectronics UM0585 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
UM0585
16-bit FIR filter
Doc ID 14988 Rev 2
13/25
4
16-bit FIR filter
4.1
Description
The finite impulse filter (FIR) is a digital filter that is linearly dependent on a fixed finite
number of input samples.
The FIR filter can be defined by the number of coefficients to be processed (also called
taps), which gives the number of MAC (multiply-accumulate) operations to be done.
Figure 2.
Block diagram of an FIR filter of length N
The FIR filter of the DSP library is a direct-form real FIR filter that uses an array of M 16-bit
coefficients to filter N 16-bit samples.
Let us put:
a, the output vector of length N
c, the coefficients vector of length M
x, the input vector
So, x must have a length of M + N – 1.
4.2
DSP library function
The FIR function of the DSP library is an optimized assembly function that takes into
account the load-store architecture of the Cortex™-M3. Therefore, and as an optimization
constraint, the number of taps and the number of output samples must be a multiple of 4.
Z-1
Z-1
Z-1
c
0
c
N-1
c
2
c
1
+
+
+
+
xn
xn-1
xn-2
xn-N
yn
ai15448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com