Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0585 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0585
Description  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 17Page - STMicroelectronics UM0585 Datasheet HTML 18Page - STMicroelectronics UM0585 Datasheet HTML 19Page - STMicroelectronics UM0585 Datasheet HTML 20Page - STMicroelectronics UM0585 Datasheet HTML 21Page - STMicroelectronics UM0585 Datasheet HTML 22Page - STMicroelectronics UM0585 Datasheet HTML 23Page - STMicroelectronics UM0585 Datasheet HTML 24Page - STMicroelectronics UM0585 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
UM0585
STM32F10x DSP library benchmark
Doc ID 14988 Rev 2
21/25
6.2.4
IIR filters
Table 17.
16-bit canonic form, 4 biquad IIR filter
IIR
(C filter)
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
32 samples
3478
144.9 µs
3636
75.75 µs
3929
54.57 µs
Table 18.
16-bit, 4th-order IIR filter
IIR
(ASM filter)
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
32 samples
1696
70 µs
1761
36.69 µs
1986
27.58 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com