Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0585 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0585
Description  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 17Page - STMicroelectronics UM0585 Datasheet HTML 18Page - STMicroelectronics UM0585 Datasheet HTML 19Page - STMicroelectronics UM0585 Datasheet HTML 20Page - STMicroelectronics UM0585 Datasheet HTML 21Page - STMicroelectronics UM0585 Datasheet HTML 22Page - STMicroelectronics UM0585 Datasheet HTML 23Page - STMicroelectronics UM0585 Datasheet HTML 24Page - STMicroelectronics UM0585 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
STM32F10x DSP demo description
UM0585
22/25
Doc ID 14988 Rev 2
7
STM32F10x DSP demo description
The STM32F10x DSP demo is an example that illustrates how to use the 64-point FFT
function of the STM32F10x DSP library. It consists of an LCD that displays the FFT
transformation.
The demo runs on the STM3210B-EVAL board, and shows the 64-point FFT transformation
of two signals:
1.
a sine wave
2.
a dual sine wave
The two types of wave are displayed at variable frequencies and for each frequency the FFT
is computed and the result is plotted as shown in Figure 5:
●
The frequency (f1) of the sine wave is increased from 40 Hz to 4 kHz by steps of 30 Hz.
●
The dual sine wave is the sum of a constant-frequency (f2) sine wave and the above
described variable-frequency (f1) sine wave.
Figure 5.
FFT of a sine wave with frequency f1 and of a dual sine wave with
frequencies f1 and f2, both sampled at a frequency Fs
–Fs
2
Fs
2
–f1
f1
–Fs
2
Fs
2
–f1
f1
–f2
f2
ai15649b
Sine wave
Dual sine wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com