Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0842 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 17Page - STMicroelectronics UM0842 Datasheet HTML 18Page - STMicroelectronics UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics UM0842 Datasheet HTML 23Page - STMicroelectronics UM0842 Datasheet HTML 24Page - STMicroelectronics UM0842 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
UM0842
Connectors
Doc ID 16542 Rev 4
21/50
6.7
General-purpose ADC connector (CN9)
Figure 13.
General-purpose ADC connector (CN9) pinout
6.8
General-purpose GPIO and I2C connector (CN10)
Figure 14.
General-purpose GPIO and I2C connector (CN10) pinout
Table 17.
General-purpose ADC connector (CN9) description
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
ADC VREF
Negative or
GND by JP8
6
GND
11
AIN4
16
GND
2
GND
7
AIN2
12
GND
17
AIN7
3
AIN0
8
GND
13
AIN5
18
GND
4GND
9AIN3
14
GND
19
ADC VREF
Positive or
+2.5 V by JP7
5
AIN1
10
GND
15
AIN6
20
+2.5 V
1
2
3579
468 10
11 13 15 17 19
12 14 16 18 20
Table 18.
General-purpose GPIO and I2C connector (CN10) pinout description
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
+3.3 V
6
PL_GPIO5
(I2C_SDA)(1) (2)
1. RC filter (R104 and C80) for the SDA line.
2. R67 and R68 are pull-ups for the SCLK and SDA line.
11
PL_CLK3
16
NC
2
NC
7
PL_GPIO34
12
NC
17
NC
3
NC
8
PL_GPIO63
13
NC
18
+2.5 V
4
GND
9
PL_GPIO67
14
NC
19
+5.0 V
5
PL_GPIO4
(I2C_SCK)(2)
10
NC
15
NC
20
NC
1
2
3579
468 10
11 13 15 17 19
12 14 16 18 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com