Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0842 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 18Page - STMicroelectronics UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics UM0842 Datasheet HTML 23Page - STMicroelectronics UM0842 Datasheet HTML 24Page - STMicroelectronics UM0842 Datasheet HTML 25Page - STMicroelectronics UM0842 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Connectors
UM0842
22/50
Doc ID 16542 Rev 4
6.9
RS-485 DB9 socket and header connector (CN11 and CN12)
Figure 15.
RS-485 DB9 socket connector CN11 pinout
Figure 16.
RS-485 header connector CN12 pinout
6.10
RS-232/UART0 DB9 plug connector (CN13)
Figure 17.
RS-232/UART0 DB9 plug connector (CN13) pinout
Table 19.
RS-485 DB9 socket connector CN11 description
Pin
Description
Pin
Description
1
NC
6
+5.0 V
2NC
7NC
3A8B
4NC
9NC
5GND
Table 20.
RS-485 header connector CN12 description
Pin
Description
Pin
Description
1
+3.3 V
3
A
2B4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com