Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0842 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 35Page - STMicroelectronics UM0842 Datasheet HTML 36Page - STMicroelectronics UM0842 Datasheet HTML 37Page - STMicroelectronics UM0842 Datasheet HTML 38Page - STMicroelectronics UM0842 Datasheet HTML 39Page - STMicroelectronics UM0842 Datasheet HTML 40Page - STMicroelectronics UM0842 Datasheet HTML 41Page - STMicroelectronics UM0842 Datasheet HTML 42Page - STMicroelectronics UM0842 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
UM0842
CPU board hardware description
Doc ID 16542 Rev 4
39/50
57
1
R69
47 kOhm
0603
Resistor/47 kOhm/
0.063 W/ 5%/
SR0603/RoHS
58
1
R70
27 kOhm
0603
Resistor/27 kOhm/0.063W
/1%/SR0603/RoHS
61
1
R75
330 Ohm
0603
Resistor/330 Ohm/NO/5%/
SR0603/RoHS
63
1
SW1
DIP Micro
Switch 6X
SMD
SWM-6X-
SMD
Micro Switch 6X SMD/
1.27 mm
64
1
SW2
DIP Micro
Switch 8X
SMD
SWM-8X-
SMD
Micro Switch 6X SMD/
1.27 mm
66
3
TP27, TP28 and TP29
TP-TH-
POWER
TPTH-
PWR
Through Hole Test Point
68
1
U1
Spear320
SG-BGA-
6004
Spear320
Spear320 (STm)
70
1
U3
MT47H64M1
6HR3
FBGA84
DDR2/1 Gbit/16 bit/1.8 V/
bga84/RoHs
MT47H64M16H
R-3 ( Micron )
71
1
U4
ST2052
SO8
Power MOSFET
Switch/80 mOhm/ 500 mA/
2 Channel/ 2.7 V-
5.5 V/RoHs
ST2052 (STm)
72
1
U5
M25P64
SO16
Flash/64 Mbit/SPI/3.3 V/
SO16/RoHs
M25P64-VMF6P
(Numonix)
74
1
U7
STM811
SOT143-4
Reset IC/3 V/ SOT143-4/
RoHs
STM811SW16F
(STm)
75
1
U8
BATT
BR2032
BR2032
Backup
Battery/3 V/220 mAh/
battery-holder-cr2032/VH
76
1
U9
ST LD1117
S25TR
SOT223
LDO/15 Vmax/2.5 V/0.8 A/
2%/SOT223/RoHs
LD1117S25TR
(STm)
77
1
U10
ST PM6641
VFQFPN-
48
DDR2 DDR3 Switching
Power/2.7 V- 5.5 V/ 1.5 V-
1.8 V/ 3.9 A-6.1 A/
QFPN48 7x7/ RoHs
PM6641 (STm)
78
1
U12
ST3232C
SO16
Low Power,3.3 V, RS-232
Line Drivers/ Receivers/
SOP16-50-235
ST3232C (STm)
79
3
U13, U14 and U15
ST USBLC6-
2SC6
SOT23-6L
ESD Protection/ 2 data
lines/ 3.5 pF/ 150 nA/
SOT23-6/RoHs
USBLC6-2SC6
(STm)
Table 36.
List of components (continued)
Item
Qty.
Reference
Part
Footprint
Description
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com