Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0970 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 9Page - STMicroelectronics UM0970 Datasheet HTML 10Page - STMicroelectronics UM0970 Datasheet HTML 11Page - STMicroelectronics UM0970 Datasheet HTML 12Page - STMicroelectronics UM0970 Datasheet HTML 13Page - STMicroelectronics UM0970 Datasheet HTML 14Page - STMicroelectronics UM0970 Datasheet HTML 15Page - STMicroelectronics UM0970 Datasheet HTML 16Page - STMicroelectronics UM0970 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
UM0970
Hardware and layout
Doc ID 17693 Rev 2
13/30
Figure 9.
ST-Link connections image
3.3
Power supply and power selection
The power supply is provided either by the host PC through the USB cable, or by external
power supply (5 V or 3.3 V). The D1 and D2 protection diodes allow the 5V and 3V3 pins to
be used independently as input or output power supplies (see Figure 3). The 5V and 3V3
pins can be used as an output power supply for use by an application board connected on
pin headers (P1 to P3). In such a case, the 3V3 pin provides only a 3V power supply and the
power consumption must be lower than 100 mA. The 5V and 3V3 pins can also be used as
an input power supply for the board when the USB connector is not connected to the PC.
Note:
If an external power supply is used, it must conform to EN 60950-1 SELV (safety extra low
voltage) LPS (limited power source) definitions.
If the 5V and 3V3 pins are used as an input power supply, the STM8L-DISCOVERY board
must be powered by a power supply unit or auxiliary equipment complying with standard
EN-60950-1: 2006+A11/2009, and must be safety extra low voltage (SELV) with limited
power capability.
3.4
LEDs
LD1 COM: Red LED indicates communication in progress between PC and ST-Link.
LD2 PWR: Red LED indicates that the board is powered.
LD3 PE7: Green LED is a user LED connected to the I/O PE7 of the STM8L152C6T6.
LD4 PC7: Blue LED is a user LED connected to the I/O PC7 of the STM8L152C6T6.
3.5
Push buttons
B1 RST: Push button is used to RESET the STM8L152C6T6.
B2 USER: User push button connected to the I/O PC1 of the STM8L152C6T6.
No jumpers on CN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com