Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0970 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 22Page - STMicroelectronics UM0970 Datasheet HTML 23Page - STMicroelectronics UM0970 Datasheet HTML 24Page - STMicroelectronics UM0970 Datasheet HTML 25Page - STMicroelectronics UM0970 Datasheet HTML 26Page - STMicroelectronics UM0970 Datasheet HTML 27Page - STMicroelectronics UM0970 Datasheet HTML 28Page - STMicroelectronics UM0970 Datasheet HTML 29Page - STMicroelectronics UM0970 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Figure 18.
ST-Link (SWIM only)
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.2(PCB.SCH)
Date:
7/15/2010
VBAT
1
PC13
2
PC14
3
PC15
4
OSC_IN
5
OSC_OUT
6
/RST
7
VSSA
8
VDDA
9
PA0
10
PA1
11
U2_TX
12
PB12
25
S2_CK
26
S2_MISO
27
S2_MOSI
28
PA8
29
PA9
30
PA10
31
PA11
32
PA12
33
JTMS
34
VSS_2
35
VDD_2
36
U2
STM32F103C8T6
C8
20pF
C9
20pF
1
2
X1
8MHz
+3V3
U2_TX
M25_CS
USB_DM
USB_DP
STM_RST
T_JTCK
T_JTMS
STM_JTMS
OSC_IN
OSC_OUT
U1_TX
U1_RX
LD1
RED
ST_LINK_LED
R15
4K7
R16
4K7
AIN_1
C10
100nF
R14
100K
R8
510
R9
100K
+3V3
+3V3
+3V3
+3V3
+3V3
SWIM
SWIM_RST
SWIM_IN
SWIM_RST_IN
RESET#
ST_LINK_SWIM
MB915
5
5
STM8L-DISCOVERY ST-LINK (SWIM only)
R7
220
R12
220
SWIM_PULLUP_CTL
ST_LINK_LED
+3V3
R6
47
R13
47
R10
680
1
2
3
4
CN2
USB_DM
USB_DP
+3V3
R3
1K5
R5
22
R4
22
USB
R2
100K
VCC
1
D-
2
D+
3
ID
4
GND
5
SHELL
0
CN1
5075BMR-05-SM
U5V
CN3
SB4
SB3
COM
SB6
SB5
SB8
SB7
SB10
SB9
STM_JTMS
STM_JTCK
R11
10K
+3V3
+5V
U5V
EXT_5V
D2
BAT60JFILM
+3V3
EXT_3V3
D1
BAT60JFILM
R1
1K
PWR
LD2
RED
+3V3
SWCLK
SWDIO
Vin
3
Vout
2
U1
LD1117S33TR
C3
10uF
C1
10uF
+5V
JP3
Wired on Solder Side
JP2
C6
100nF
C7
100nF
C4
100nF
C5
100nF
SWIM
DISCOVERY
ST-LINK
+3V3
C2
100nF
Jumpers ON --> DISCOVERY Selected
Jumpers OFF --> ST-LINK Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com