Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0970 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 10Page - STMicroelectronics UM0970 Datasheet HTML 11Page - STMicroelectronics UM0970 Datasheet HTML 12Page - STMicroelectronics UM0970 Datasheet HTML 13Page - STMicroelectronics UM0970 Datasheet HTML 14Page - STMicroelectronics UM0970 Datasheet HTML 15Page - STMicroelectronics UM0970 Datasheet HTML 16Page - STMicroelectronics UM0970 Datasheet HTML 17Page - STMicroelectronics UM0970 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Hardware and layout
UM0970
14/30
Doc ID 17693 Rev 2
3.6
Built-in IDD measurement circuit
The STM8L-DISCOVERY built-in IDD measurement circuit allows the consumption of the
STM8L152C6T6 to be measured and displayed on the LCD Glass while the MCU is in Run
or Low power saving modes.
●
JP1 in ON position: STM8L152C6T6 is powered through IDD measurement circuit
(default).
●
JP1 in OFF position: STM8L152C6T6 is powered directly by +3V3, IDD measurement
circuit is bypassed.
Note:
When jumper JP1 is removed the current consumption of the STM8L152C6T6 can be
measured by connecting an ammeter between jumper JP1 pin 1 and pin 2.
For IDD measurement by the MCU itself, the circuit below is implemented on the STM8L-
DISCOVERY. Solder bridges SB11, SB12 and SB14 must be closed and a jumper must be
plugged between JP1 pin 2 and pin 3.
Figure 10.
STM8L-DISCOVERY IDD measurement circuit
3.6.1
Run mode
In Run mode, IDD current is measured using the operational amplifier MAX9938FEUK+ (U4)
connected to the 2
Ω shunt resistor (R20). In this case IDD_CNT_EN remains high during
measurement, so R21 remains in short-circuit during the measurement because of
transistor T1 which remains ON permanently. The jumper JP1 must be connected between
pins 2 and 3 of JP1. The measurement range in this case can be up to 30 mA.
3.6.2
Low power mode
In Low power modes (Halt or Active halt), IDD current is measured using the operational
amplifier MAX9938FEUK+ (U4) connected to the 2K
Ωshunt resistor (R21), controlled by the
analogue switch STT5PF20V (T1). In this case the counter 74HC4060 (U3) enabled by
IDD_CNT_EN manages the measurement timing according to Figure 11. The measurement
range in this case can be up to 30 µA.
R19
47K
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
3
5
U7
74LX1G04CTR
I/O
1
O/I
2
GND
3
C
4
VCC
5
U6
74H1G66STR
+3V3
R20
2(1%)
R21
2K(1%)
G
S
D
T1
STT5PF20V
3
4
5
1
2
6
T2
STT5PF20V
+3V3
Q12
1
Q13
2
Q14
3
Q6
4
Q5
5
Q7
6
Q4
7
GND
8
CO
9
CO
10
CI
11
CLR
12
Q9
13
Q8
14
Q10
15
VCC
16
U3
M74HC4060TTR
+3V3
+3V3
R26
10K
R18
10K
C11
1uF
+3V3
VDD_MCU
JP1
C13
1nF
R22
15K
R23
30K
Oscillator frequency 30KHz
+3V3
R17
0
PF0
PE6
PC4
C12
100nF
4
5
3
U4
MAX9938FEUK+
SB11
SB12
SB14
IDD
on
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com