Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSGH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # BAV20WSGH
Description  Silicon Epit axial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV20WSGH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BAV20WSGH Datasheet HTML 1Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 2Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 3Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19WSGH / BAV20WSGH / BAV21WSGH
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
VFM
-
1.0
1.25
V
IF=100mA
IF=200mA
Reverse Current BAV19WSGH
B
AV20WSGH
BAV21WSGH
IR
-
0.1
0.1
0.1
μA
VR=100V
VR=150V
V
R
=200V
Capacitance between
terminals
CT
-
5
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
50
ns
IF=IR=30mA,
Irr=0.1×IR,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zowie Technology Corporation
REV. 0
Zowie Technology Corporation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com