Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSGH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAV20WSGH
Description  Silicon Epit axial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV20WSGH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAV20WSGH Datasheet HTML 1Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 2Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 3Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Epit axial Planar Diode
FEATURES
Fast Switching Speed.
Surface Mount Package Ideally Suited For
Automatic Insertion
For General Purpose Switching Applications
High Conductance
APPLICATIONS
Surface mount fast switching diode
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol BAV19WSGH BAV20WSGH BAV21WSGH Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Reverse Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0 μs
@t=1.0 s
IFSM
2.5
0.5
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
℃
/W
Operating and Storage Temperature Rage
Tj,TSTG
-65 to+150
℃
Zowie Technology Corporation
BA V19WSGH / BAV20WSGH / BAV21WSGH
Lead free product
1
2
SOD-323
ANODE
CATHODE
1
2
Zowie Technology Corporation
REV. 0
Halogen-free type


Similar Part No. - BAV20WSGH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WSGH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
Silicon Planar Diode
18-Mar-99
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
KDS121E KEC-KDS121E Datasheet
174Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380 BILIN-1SS380 Datasheet
101Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
NXP Semiconductors
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
BAT18 PHILIPS-BAT18_15 Datasheet
62Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com