Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSGH Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # BAV20WSGH
Description  Silicon Epit axial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV20WSGH Datasheet(HTML) 3 Page - Zowie Technology Corporation

  BAV20WSGH Datasheet HTML 1Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 2Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 3Page - Zowie Technology Corporation BAV20WSGH Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zowie Technology Corporation
REV. 0
PACKAGE DIMENSIONS
SOD-323
Unit : mm
2.55 ± 0.25
0.32 ± 0.08
1.27 ± 0.12
1.70 ± 0.1
*Dimensions in inches and (millimeters)
SOLDERING FOOTPRINT
SOD-323
0.031 (0.80)
Min.
0.083 (2.10)
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Reel
Reel (pcs)
BAV19WSGH
A8
T2
T3
3,000
7"
BAV20WSGH
BAV21WSGH
Packaging
SOD-323
Carton (pcs)
60,000
120,000
Zowie Technology Corporation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com