Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4190 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 9Page - STMicroelectronics AN4190 Datasheet HTML 10Page - STMicroelectronics AN4190 Datasheet HTML 11Page - STMicroelectronics AN4190 Datasheet HTML 12Page - STMicroelectronics AN4190 Datasheet HTML 13Page - STMicroelectronics AN4190 Datasheet HTML 14Page - STMicroelectronics AN4190 Datasheet HTML 15Page - STMicroelectronics AN4190 Datasheet HTML 16Page - STMicroelectronics AN4190 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN4190
Antenna theory
Doc ID 023812 Rev 1
13/29
The quality of the input impedance match of the antenna is generally specified by one of two
parameters: return loss or standing wave ratio (SWR), sometimes called voltage standing
wave ration (VSWR). The return loss indicates how much of the incident power is not
reflected or doesn't return from a load. It is the square of the magnitude of the reflection
coefficient, usually expressed in logarithmical form as:
Equation 3
For instance, a return loss of -3.0103 dB indicates that half of the incident power is reflected.
Usually a return loss lower than -10 dB is acceptable for a good matching, in this case less
than 1% of the signal is reflected.
The standing wave ratio is defined as the ratio of voltage, minimum to maximum, on the
input transmission line. It is defined as:
Equation 4
One utility in the VSWR for describing input matching is that while the magnitude of the
reflection coefficient ranges from 0 to –infinity in logarithmical form, the magnitude of the
VSWR ranges from 1 to infinity in linear form. The VSWR then is particularly useful for
describing input match when the match is not very good. A VSWR of 5.83 corresponds to -
3.01 dB return loss. A good matched antenna is one that has a VSWR lower than 2.
1.9
Effective isotropic radiated power
Effective isotropic radiated power (EIRP), also called equivalent isotropic radiated power, is
the amount of radiated power measured in a single direction (that is, for a fixed
Θand Θ).
Typically, for an antenna radiation pattern measurement, if a single value of EIRP is given,
this is the maximum value of the EIRP over all measured angles.
The EIRP can also be thought of as the amount of power that a perfectly isotropic antenna
would need to radiate to achieve the measured value.
The EIRP can be related to the power transmitted from the radio (Pt), the network and
mismatch losses (L), and the antenna gain (G) by:
Equation 5
In built-up areas, regulations may restrict the EIRP of a transmitter to prevent exposure of
personnel to a high power electromagnetic field; however, the EIRP is normally restricted to
minimize interference to services on similar frequencies.
R.L.
20log
10 |Γ |
()
=
VSWR
1
|
Γ |
+
()
1|
Γ |
()
=
EIRP
P
t
L
G
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com