Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4190 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 19Page - STMicroelectronics AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics AN4190 Datasheet HTML 23Page - STMicroelectronics AN4190 Datasheet HTML 24Page - STMicroelectronics AN4190 Datasheet HTML 25Page - STMicroelectronics AN4190 Datasheet HTML 26Page - STMicroelectronics AN4190 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN4190
Antennas for low power applications
Doc ID 023812 Rev 1
23/29
Figure 18.
5.8 GHz patch antenna implementation and characteristics
2.3
Ceramic antenna
The latest entry into the antenna field is the ceramic (chip) antenna. They are surface mount
devices made of ceramic material. There are several types of ceramic antennas, each with
their own characteristics.
Ceramic antennas offer some advantages: they are separate components, have small sizes
and a variety of configurations are available, close proximity to other components doesn't
cause as severe a detuning as with trace antennas, they are less affected by environmental
factors or human operators than trace antennas, flexible tuning and testing options are
possible, and design changes are more easily introduced.
Some disadvantages are also present: the initial cost of the antenna plus logistics can be
higher than the cost of others types of antennas, some level of RF expertise is needed for
optimal implementation.
Ceramic antennas can be designed in both on-ground and off-ground styles, with on-ground
antennas being somewhat taller. The optimal ceramic material composition for the antenna
and the electrical specifications selected usually depend on the intended frequency, with an
effect on the dimension. Also ceramic antennas can use matching circuits, optional ground
clear areas, or a trace for coarse tuning, depending on the application.
This type of antenna can be adapted to small boards and offers flexibility for unique design
layouts. The reliability and interference problems associated with being in close proximity to
other components or people are greatly reduced with ceramic antennas. Incorporating a
separate antenna offers the option of utilizing the full available height of the device, making it
possible to have a 3D structure with a smaller PCB area.
An example of a ceramic antenna is shown in Figure 19.
AM16442v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com