Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4190 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 18Page - STMicroelectronics AN4190 Datasheet HTML 19Page - STMicroelectronics AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics AN4190 Datasheet HTML 23Page - STMicroelectronics AN4190 Datasheet HTML 24Page - STMicroelectronics AN4190 Datasheet HTML 25Page - STMicroelectronics AN4190 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Antennas for low power applications
AN4190
22/29
Doc ID 023812 Rev 1
An example of a microstrip antenna is shown in Figure 17. The patch antenna, microstrip
transmission line and ground plane are made of high conductivity metal. The patch is of
length L, width W, and sitting on top of a substrate of the thickness h with permittivity
εr.
Typically, the thickness h is much smaller than the wavelength of operation, but not much
smaller than 0.05 of a wavelength. The length L determines the operative frequency; the
width W controls the input impedance. Larger widths can also increase the bandwidth. The
width also controls the radiation pattern. The directivity of patch antennas is approximately 5
- 7 dB.
The patch elements radiate primarily linearly polarized waves if conventional feeds are used
with no modification. However, circular and elliptical polarizations can be obtained using
various feed arrangements or slight modifications. Figure 18 shows an example of a patch
antenna designed at 5.8 GHz left-hand circular polarized used for the Italian and European
toll payment systems.
Figure 17.
Rectangular microstrip antenna
L
W
εr
Microstrip
Transmission
line
Substrate
AM16441v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com