Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4312 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 17Page - STMicroelectronics AN4312 Datasheet HTML 18Page - STMicroelectronics AN4312 Datasheet HTML 19Page - STMicroelectronics AN4312 Datasheet HTML 20Page - STMicroelectronics AN4312 Datasheet HTML 21Page - STMicroelectronics AN4312 Datasheet HTML 22Page - STMicroelectronics AN4312 Datasheet HTML 23Page - STMicroelectronics AN4312 Datasheet HTML 24Page - STMicroelectronics AN4312 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID024815 Rev 1
21/36
AN4312
Surface sensor design
35
Figure 16. Normal patterned linear sensor with 5 channels / 6 electrodes
(half-ended electrodes design)
1. Legend: e is the gap between two sensor electrodes, h is the height of the sensor electrode, and w is the
width of the sensor electrode.
The size of the square electrode and gap between electrodes are valid irrespective of the
number of electrodes.
To get larger linear sensors, the number of electrodes can be increased to eight.
MS32448V1
1
2
3
4
5
1
1 mm ≤ h ≤ 15 mm
e ≤ 0.5 mm
e ≤ 8 mm
20~50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com