Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4312 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 19Page - STMicroelectronics AN4312 Datasheet HTML 20Page - STMicroelectronics AN4312 Datasheet HTML 21Page - STMicroelectronics AN4312 Datasheet HTML 22Page - STMicroelectronics AN4312 Datasheet HTML 23Page - STMicroelectronics AN4312 Datasheet HTML 24Page - STMicroelectronics AN4312 Datasheet HTML 25Page - STMicroelectronics AN4312 Datasheet HTML 26Page - STMicroelectronics AN4312 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DocID024815 Rev 1
23/36
AN4312
Surface sensor design
35
3.4
Rotary sensor
A rotary sensor is a set of contiguous capacitive electrodes connected to the device and
placed in a circular way. The number of electrodes depends on the size and the resolution of
the sensor.
The electrodes can be arranged in two ways:
mono electrode design (same as the half-ended electrode design)
dual electrode design.
Like for the linear sensor, there are two options for designing the electrode pattern on the
PCB:
normal pattern
interlaced pattern.
These two patterns are described in more details below.
A rotary sensor can also have a touchkey placed in the center.
3.4.1
Normal patterned rotary sensor
Figure 18. Normal patterned rotary sensor with 3 channels / 3 electrodes
1. Legend: d is the diameter of the center, e is the gap between two sensor electrodes, w is the width of the
sensor electrode, L is the length of the external perimeter of the sensor electrode.
The dimensions d, e, w, and L of the three-electrode scheme above can also be applied for
five and eight electrodes, thus giving a bigger rotor.
e <= 0.5 mm
L = 10-12 mm
d >= 5 mm
w = 8-10 mm
ai15089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com