Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4312 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 28Page - STMicroelectronics AN4312 Datasheet HTML 29Page - STMicroelectronics AN4312 Datasheet HTML 30Page - STMicroelectronics AN4312 Datasheet HTML 31Page - STMicroelectronics AN4312 Datasheet HTML 32Page - STMicroelectronics AN4312 Datasheet HTML 33Page - STMicroelectronics AN4312 Datasheet HTML 34Page - STMicroelectronics AN4312 Datasheet HTML 35Page - STMicroelectronics AN4312 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Surface sensor design
AN4312
32/36
DocID024815 Rev 1
3.5.5
Component placement
To reduce the sensor track lengths, it is recommended to place the microcontroller very
close to the sensor electrodes. It is also recommended to center the microcontroller among
the sensors to balance the parasitic capacitance and to put a ground layer above it.
The ESD protection resistors must also be placed as close as possible to the microcontroller
to reduce the track length which could drive ESD disturbance directly to the microcontroller
without protection. These ESD resistors must be selected according to the acquisition
method recommendations.
3.5.6
Ground considerations
Ground plane
It is recommended to route the sensors and the ground on the same layer while the
components and other tracks are routed on the other(s) layer(s).
When a multilayer PCB is used, both sides of the PCB are commonly grounded to improve
the immunity to noise. Nevertheless, the ground has an effect on the sensitivity of the
sensor. The ground effect is to increase CX, which reduces the sensitivity as the ratio CT/CX
decreases. So, to balance between noise immunity and sensitivity, it is recommended to use
partial grounding on both sides of the PCB through a 15% mesh on the sensor layer and a
10% copper mesh for the opposite side with the electrodes and tracks.
Ground around sensor
When the ground plane is on the same layer as the sensor, it surrounds the sensors. To
avoid increasing CX, it is recommended to keep a gap between the sensor and the ground.
This gap size must be at least 2 mm (4-5 mm recommended) and must also be respected
with any noisy application track or power supply voltage.
There are two different cases:
•
distance to GND and power supply voltage, shorter distance is possible, but impacts
significantly the touchkey sensitivity
•
distance to noisy signal, the detection may completely stop working in case the
distance is not respected
Special care must be taken to balance the ground around the sensors. This is particularly
true for a rotary or linear sensor (see Section 3.5.2: Driven shield).
Caution:
Floating planes must never be placed close to the sensors.
Ground plane example
A full ground plane is mandatory below the MCU up to serial resistors (see Figure 28).
•
It must cover the tracks between the MCU and the serial resistors
•
It must cover the sampling capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com