Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72107 Datasheet(PDF) 13 Page - NEC

Part # UPD72107
Description  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72107 Datasheet(HTML) 13 Page - NEC

Back Button UPD72107 Datasheet HTML 9Page - NEC UPD72107 Datasheet HTML 10Page - NEC UPD72107 Datasheet HTML 11Page - NEC UPD72107 Datasheet HTML 12Page - NEC UPD72107 Datasheet HTML 13Page - NEC UPD72107 Datasheet HTML 14Page - NEC UPD72107 Datasheet HTML 15Page - NEC UPD72107 Datasheet HTML 16Page - NEC UPD72107 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
µPD72107
AC Characteristics (TA = –40 to +85
°C, VDD = 5 V ±10%)
When bus master (1)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
CLK cycle time
tCYK
121
1000
ns
CLK low-level time
tKKL
50
ns
CLK high-level time
tKKH
50
ns
CLK rise time
tKR
1.5 – 3.0 V
10
ns
CLK fall time
tKF
3.0 – 1.5 V
10
ns
Load condition
Caution If the load capacitance exceeds 50 pF due to the configuration of the circuit, keep the load
capacitance of this device to within 50 pF by inserting a buffer or by some other means.
Remark DUT: device under test
AC test input/output waveform (except clock)
System clock
DUT
CL = 50 pF
CL includes jig capacitance.
2.2 V
0.8 V
2.2 V
0.8 V
2.4 V
0.4 V
Test points
tKF
tKR
tKKL
tKKH
tCYK
1.5 V
3.0 V
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com