Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72107 Datasheet(PDF) 1 Page - NEC

Part # UPD72107
Description  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72107 Datasheet(HTML) 1 Page - NEC

  UPD72107 Datasheet HTML 1Page - NEC UPD72107 Datasheet HTML 2Page - NEC UPD72107 Datasheet HTML 3Page - NEC UPD72107 Datasheet HTML 4Page - NEC UPD72107 Datasheet HTML 5Page - NEC UPD72107 Datasheet HTML 6Page - NEC UPD72107 Datasheet HTML 7Page - NEC UPD72107 Datasheet HTML 8Page - NEC UPD72107 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LAP-B CONTROLLER
Link Access Procedure Balanced mode
The
µPD72107 is an LSI that supports LAP-B protocol specified by the ITU-T recommended X.25 on a single
chip.
MOS INTEGRATED CIRCUIT
µPD72107
Document No. S12962EJ5V0DS00 (5th edition)
Date Published October 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice.
©
1998
DATA SHEET
FEATURES
• Complied with ITU-T recommended X.25 (LAP-B84
edition)
HDLC frame control
Sequence control
Flow control
• ITU-T recommended X.75 supported
• TTC standard JT-T90 supported
• Optional functions
Option frame
Global address frame
Error check deletion frame
• Powerful test functions
Data loopback function
Loopback test link function
Frame trace function
• Abundant statistical information
• Detailed mode setting function
• Modem control function
• On-chip DMAC (Direct Memory Access Controller)
24-bit address
Byte/word transfer enabled (switch with external pin)
• Memory-based interface
Memory-based command
Memory-based status
Memory-based transmit/receive data
• MAX.4 Mbps serial transfer rate
• NRZ, NRZI coding
ORDERING INFORMATION
Part Number
Package
µPD72107CW
64-pin plastic shrink DIP (750 mils)
µPD72107GC-3B9
80-pin plastic QFP (14 x 14 mm)
µPD72107L
68-pin plastic QFJ (950 x 950 mils)


Similar Part No. - UPD72107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPD7210C ETC1-UPD7210C Datasheet
72Kb / 2P
GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
UPD7210D ETC1-UPD7210D Datasheet
72Kb / 2P
GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
More results

Similar Description - UPD72107

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
Direct Memory Access Controller
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
540Kb / 74P
SMART ACCESS CONTROLLER (SAC??
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
DIRECT MEMORY ACCESS CONTROLLER
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
IEEE 802.11 b/g/n Link Controller SoC
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
Industrial wireless access controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com