Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72107 Datasheet(PDF) 19 Page - NEC

Part # UPD72107
Description  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72107 Datasheet(HTML) 19 Page - NEC

Back Button UPD72107 Datasheet HTML 15Page - NEC UPD72107 Datasheet HTML 16Page - NEC UPD72107 Datasheet HTML 17Page - NEC UPD72107 Datasheet HTML 18Page - NEC UPD72107 Datasheet HTML 19Page - NEC UPD72107 Datasheet HTML 20Page - NEC UPD72107 Datasheet HTML 21Page - NEC UPD72107 Datasheet HTML 22Page - NEC UPD72107 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
µPD72107
Serial block (1)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
TxC/RxC cycle time
tCYS
When on-chip DPLL is not used
250
DC
ns
TxC/RxC low-level time
tSSL
110
ns
TxC/RxC high-level time
tSSH
110
ns
TxC/RxC rise time
tSR
20
ns
TxC/RxC fall time
tSF
12
ns
TxD delay time (vs. TxC
↓)tDTXD
100
ns
RxD setup time (vs. RxC
↑)tSRXD
50
ns
RxD hold time (vs. RxC
↑)tHRXD
70
ns
Serial clock (when on-chip DPLL is not used)
tSF
tSR
tSSL
0.8 V
2.2 V
tSSH
tCYS
tDTXD
tDTXD
tSRXD
tHRXD
TxC/RxC
TxC (input)
TxD
RxC
RxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com