Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3203 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3203
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3203 Datasheet HTML 8Page - Linear Technology LTC3203 Datasheet HTML 9Page - Linear Technology LTC3203 Datasheet HTML 10Page - Linear Technology LTC3203 Datasheet HTML 11Page - Linear Technology LTC3203 Datasheet HTML 12Page - Linear Technology LTC3203 Datasheet HTML 13Page - Linear Technology LTC3203 Datasheet HTML 14Page - Linear Technology LTC3203 Datasheet HTML 15Page - Linear Technology LTC3203 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
13
32031fa
APPLICATIO S I FOR ATIO
Figure 5. 10nH Inductor Used for Input Noise Reduction
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
TDK
www.component.tdk.com
A 10nH inductor will reject the fast current notches,
thereby presenting a nearly constant current load to the
input power supply. For economy the 10nH inductor can
be fabricated on the PC board with about 1cm (0.4") of PC
board trace.
Flying Capacitor Selection
Warning: Polarized capacitors such as tantalum or
aluminum should never be used for the flying capacitors
since their voltage can reverse upon start-up of the
LTC3203/LTC3203-1/LTC3203B/LTC3203B-1. Low ESR
ceramic capacitors should always be used for the flying
capacitors.
The flying capacitors control the strength of the charge
pump. In order to achieve the rated output current, it is
necessary to have at least 2.2
µF of capacitance for each of
the flying capacitors.
Ceramic capacitors of different materials lose their ca-
pacitance with higher temperature and voltage at different
rates. For example, a capacitor made of X7R material will
retain most of its capacitance from –40
°Cto85°Cwhereas
Z5U or Y5V style capacitors will lose considerable capaci-
tance over that range. Z5U and Y5V capacitors may also
have a poor voltage coefficient causing them to lose 60%
or more of their capacitance when the rated voltage is
applied. Therefore, when comparing different capacitors,
it is often more appropriate to compare the amount of
achievable capacitance for a given case size rather than
comparing the specified capacitance value. For example,
over rated voltage and temperature conditions, a 4.7
µF,
10V, Y5V ceramic capacitor in a 0805 case may not
provide any more capacitance than a 1
µF, 10V, X5R or
X7R capacitor available in the same 0805 case. In fact,
over bias and temperature range the 1
µF, 10V, X5R or X7R
will provide more capacitance than the 4.7
µF, 10V, Y5V
capacitor. The capacitor manufacturer’s data sheet should
be consulted to determine what value of capacitor is
needed to ensure minimum capacitance values are met
over operating temperature and bias voltage.
Below is a list of ceramic capacitor manufacturers and
how to contact them:
3203 F05
LTC3203*
VIN
VIN
GND
9, 11
7
0.1
µF2.2µF
10nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com