Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3203 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3203
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3203 Datasheet HTML 2Page - Linear Technology LTC3203 Datasheet HTML 3Page - Linear Technology LTC3203 Datasheet HTML 4Page - Linear Technology LTC3203 Datasheet HTML 5Page - Linear Technology LTC3203 Datasheet HTML 6Page - Linear Technology LTC3203 Datasheet HTML 7Page - Linear Technology LTC3203 Datasheet HTML 8Page - Linear Technology LTC3203 Datasheet HTML 9Page - Linear Technology LTC3203 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
6
32031fa
PI FU CTIO S
C2+ (Pin 1): Flying Capacitor 2 Positive Terminal (C2).
VOUT (Pin 2): Regulated Output Voltage. VOUT should be
bypassed with a low ESR ceramic capacitor as close to the
pin as possible for best performance. The capacitor should
have greater than 4.7
µF capacitance under all conditions.
C1+ (Pin 3): Flying Capacitor 1 Positive Terminal (C1).
SHDN (Pin 4): Active Low Shutdown Input. A low on SHDN
puts the LTC3203/LTC3203-1/LTC3203B/LTC3203B-1 in
low current shutdown mode. Do not float the SHDN pin.
VSEL (Pin 5) (LTC3203-1/LTC3203B-1): Output Voltage
Selection Input. A logic 0 at VSEL sets the regulated VOUT
to 4.5V; and a logic 1 sets the regulated VOUT to 5V. Do not
float the VSEL pin.
FB (Pin 5) (LTC3203/LTC3203B): Feedback. The voltage
on this pin is compared to the internal reference voltage
(0.91V) by the error amplifier to keep the output in
regulation. An external resistor divider is required
between VOUT and FB to program the output voltage.
MODE (Pin 6): Mode Selection Input. The LTC3203/
LTC3203-1/LTC3203B/LTC3203B-1 operates in 1.5x
mode if the MODE pin is greater than VMODEH, which
gives higher charge pump efficiency. If the MODE pin is
less than VMODEL, the LTC3203/LTC3203-1/LTC3203B/
LTC3203B-1 operates in 2x mode, which gives a higher
charge pump boost voltage.
VIN (Pin 7): Input Supply Voltage. VIN should be bypassed
with a more than 2.2
µF low ESR ceramic capacitor to GND.
C2– (Pin 8): Flying Capacitor 2 Negative Terminal (C2).
GND (Pin 9): Ground. This pin should be connected
directly to a low impedance ground plane.
C1– (Pin 10): Flying Capacitor 1 Negative Terminal (C1).
Exposed Pad (Pin 11): Ground. This pin must be sol-
dered to the PCB for electrical contact and rated thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com