Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3203 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3203
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203 Datasheet(HTML) 3 Page - Linear Technology

  LTC3203 Datasheet HTML 1Page - Linear Technology LTC3203 Datasheet HTML 2Page - Linear Technology LTC3203 Datasheet HTML 3Page - Linear Technology LTC3203 Datasheet HTML 4Page - Linear Technology LTC3203 Datasheet HTML 5Page - Linear Technology LTC3203 Datasheet HTML 6Page - Linear Technology LTC3203 Datasheet HTML 7Page - Linear Technology LTC3203 Datasheet HTML 8Page - Linear Technology LTC3203 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
3
32031fa
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full specified temperature
range, otherwise specifications are at 25
°C. VIN = 3.6V, C1 = C2 = 2.2µF unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations.
Note 3: The LTC3203/LTC3203-1/LTC3203B/LTC3203B-1 are guaranteed
to meet performance specifications from 0
°C to 85°C. Specifications over
the –40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 4: Output not in regulation (based on wafer sort):
ROL ≡ (2 • VIN – VOUT)/IOUT, 2x Mode
ROL ≡ (1.5 • VIN – VOUT)/IOUT, 1.5x Mode
Note 5: Proper conversion mode, 1.5x or 2x, has to be chosen based on
ROL to ensure output regulation.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LTC3203-1/LTC3203B-1
VOUT
4.5V Output Voltage Range
VIN > 3.1V, IOUT < 500mA
4.32
4.5
4.68
V
(VSEL = 0V) (Note 5)
VIN > 2.9V, IOUT < 350mA
●
4.32
4.5
4.68
V
VIN > 2.7V, IOUT < 250mA
●
4.32
4.5
4.68
V
5V Output Voltage Range
VIN > 3.1V, IOUT < 500mA
4.8
5
5.2
V
(VSEL = VIN) (Note 5)
VIN > 3.1V, IOUT < 400mA
●
4.8
5
5.2
V
VIN > 2.7V, IOUT < 150mA
●
4.8
5
5.2
V
∆VOUT/∆IOUT
VOUT Load Regulation
VIN = 3.6V, IOUT = 100mA to 500mA, 2x Mode,
0.37
mV/mA
VIN = 4V, IOUT = 100mA to 500mA, 1.5x Mode
0.27
mV/mA
ICC
No Load Operating Current
IOUT = 0mA, 2x Mode
120
300
µA
(LTC3203-1)
IOUT = 0mA, 1.5x Mode
100
300
µA
No Load Operating Current
IOUT = 0mA, 2x Mode
9
mA
(LTC3203B-1)
IOUT = 0mA, 1.5x Mode
7
mA
VVSELH
VSEL Input High Voltage
●
1.3
V
VVSELL
VSEL Input Low Voltage
●
0.4
V
IVSELH
VSEL Input High Current
●
–1
1
µA
IVSELL
VSEL Input Low Current
●
–1
1
µA
LTC3203/LTC3203B
VFB
Feedback Servo Voltage
IOUT = 0mA, 2.7V ≤ VIN ≤ 5.5V
●
0.88
0.91
0.94
V
IFB
FB Input Current
VFB = 0.95V
●
–50
50
nA
∆VFB/∆IOUT
Load Regulation
IOUT = 100mA to 500mA, 2x Mode, VIN = 3.6V
0.08
mV/mA
(Refer to FB Pin)
IOUT = 100mA to 500mA, 1.5x Mode, VIN = 4V
0.06
mV/mA
ICC
No Load Operating Current
IOUT = 0mA, 2x Mode, 5V VOUT Setting
120
300
µA
(LTC3203)
IOUT = 0mA, 1.5x Mode, 5V VOUT Setting
100
300
µA
No Load Operating Current
IOUT = 0mA, 2x Mode, 5V VOUT Setting
9
mA
(LTC3203B)
IOUT = 0mA, 1.5x Mode, 5V VOUT Setting
7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com