Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4325 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics AN4325 Datasheet HTML 11Page - STMicroelectronics AN4325 Datasheet HTML 12Page - STMicroelectronics AN4325 Datasheet HTML 13Page - STMicroelectronics AN4325 Datasheet HTML 14Page - STMicroelectronics AN4325 Datasheet HTML 15Page - STMicroelectronics AN4325 Datasheet HTML 16Page - STMicroelectronics AN4325 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID024966 Rev 1
13/27
AN4325
Clocks
26
2.1
High speed external clock signal (HSE) OSC clock
The high speed external clock signal can be generated from two possible clock sources:
HSE external crystal/ceramic resonator
HSE user external clock
The resonator and the load capacitors have to be placed as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The
loading capacitance values must be adjusted according to the selected resonator.
External crystal/ceramic resonator (HSE crystal)
The 4 to 32 MHz external oscillator has the advantage of producing a very accurate
frequency on the main clock. Refer to the electrical characteristics section of the datasheet
for more details about the associated hardware configuration.
The HSERDY flag in the Clock control register (RCC_CR) indicates if the HSE oscillator is
stable or not. At startup, the clock is not released until this bit is set by hardware. An
interrupt can be generated if enabled in the Clock interrupt register (RCC_CIR).
The HSE Crystal can be switched on and off using the HSEON bit in the Clock control
register (RCC_CR).
Figure 5. HSE/ LSE clock sources
Clock source
Hardware configuration
External clock
Crystal/Ceramic
resonators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com