Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4325 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 19Page - STMicroelectronics AN4325 Datasheet HTML 20Page - STMicroelectronics AN4325 Datasheet HTML 21Page - STMicroelectronics AN4325 Datasheet HTML 22Page - STMicroelectronics AN4325 Datasheet HTML 23Page - STMicroelectronics AN4325 Datasheet HTML 24Page - STMicroelectronics AN4325 Datasheet HTML 25Page - STMicroelectronics AN4325 Datasheet HTML 26Page - STMicroelectronics AN4325 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID024966 Rev 1
23/27
AN4325
Reference design
26
6.2
Component references
Table 4. Mandatory components
Component
Reference
Value
Quantity
Comments
Microcontroller
U1
STM32F030R8T6
1
64-pin package
Capacitor
C1/C2
100 nF
2
Ceramic capacitors (decoupling capacitors)
Capacitor
C3
10 nF
1
Ceramic capacitor (decoupling capacitor)
Capacitor
C5
1 μF
1
Used for VDDA
Capacitor
C6
4.7 μF
1
Used for VDD
Table 5. Optional components
Component
Reference
Value
Quantity
Comments
Resistor
R1
390
1
Used for HSE: the value depends on the crystal
characteristics.
This value is given only as a typical example.
Resistor
R2
10 K
1
Used for BOOT0 pin
Capacitor
C4
100 nF
1
Ceramic capacitor for RESET button
Capacitor
C7/C8
10 pF
2
Used for LSE: the value depends on the crystal
characteristics.
Capacitor
C9/C10
20 pF
2
Used for HSE: the value depends on the crystal
characteristics.
Quartz
X1
8 MHz
1
Used for HSE
Quartz
X2
32 kHz
1
Used for LSE
Switch
SW1
1
Used to select the correct boot mode.
Push-button
B1
1
Used as reset button
SWD connector CN1
FTSH-105-01-L-DV
1
Used for program/debug of the MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com