Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4325 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 18Page - STMicroelectronics AN4325 Datasheet HTML 19Page - STMicroelectronics AN4325 Datasheet HTML 20Page - STMicroelectronics AN4325 Datasheet HTML 21Page - STMicroelectronics AN4325 Datasheet HTML 22Page - STMicroelectronics AN4325 Datasheet HTML 23Page - STMicroelectronics AN4325 Datasheet HTML 24Page - STMicroelectronics AN4325 Datasheet HTML 25Page - STMicroelectronics AN4325 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Reference design
AN4325
22/27
DocID024966 Rev 1
6
Reference design
6.1
Description
The reference design shown in Figure 9, introduces the STM32F030, a highly integrated
microcontroller running at 48 MHz, that combines the Cortex®-M0 32-bit RISC CPU core
with 64 Kbytes of embedded Flash memory and 8 Kbytes of SRAM
.
6.1.1
Clock
Two clock sources are used for the microcontroller:
HSE: X1– 8 MHz crystal for the STM32F030 microcontroller
LSE: X2– 32.768 kHz crystal for the embedded RTC
Refer to Section 2: Clocks on page 12.
6.1.2
Reset
The reset signal in Figure 9 is active low. The reset sources include:
Reset button (B1)
Debugging tools via the connector CN1
Refer to Section 1.2.2: System reset on page 10.
6.1.3
Boot mode
The boot option is configured by setting BOOT0 through switch SW1 and option bit
nBOOT1. Refer to Section 3: Boot configuration on page 17.
6.1.4
SWD interface
The reference design shows the connection between the STM32F030 and a standard SWD
connector. Refer to Section 4: Debug management on page 18.
Note:
It is recommended to connect the reset pin in order to be able to reset the application from
the tool.
6.1.5
Power supply
Refer to Section 1.1: Power supply schemes.
6.1.6
Pinouts and pin description
Please refer to the STM32F030 datasheets available on www.st.com for the pinout
information and pin description of each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com