Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3526LB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 1 Page - Linear Technology

  LTC3526LB Datasheet HTML 1Page - Linear Technology LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
n
MedicalInstruments
n
NoiseCancelingHeadphones
n
WirelessMice
n
BluetoothHeadsets
ApplicAtions
550mA 1MHz Synchronous
Step-Up DC/DC Converters
in 2mm
× 2mm DFN
The LTC®3526L/LTC3526LB are synchronous, fixed
frequencystep-upDC/DCconverterswithoutputdiscon-
nect.Synchronousrectificationenableshighefficiencyin
thelowprofile2mm
×2mmDFNpackage.Batterylifein
singleAA/AAApoweredproductsisextendedfurtherwith
a680mVstart-upvoltageandoperationdownto500mV
oncestarted.
Aswitchingfrequencyof1MHzminimizessolutionfoot-
printbyallowingtheuseoftiny,lowprofileinductors
andceramiccapacitors.ThecurrentmodePWMdesign
isinternallycompensated,reducingexternalpartscount.
TheLTC3526LfeaturesBurstModeoperationatlightload
conditionsallowingittomaintainhighefficiencyovera
widerangeofload.TheLTC3526LBfeaturesfixedfrequency
operationforlownoiseapplications.Anti-ringcircuitry
reducesEMIbydampingtheinductorindiscontinuous
mode.Additionalfeaturesincludealowshutdowncurrent
ofunder1µAandthermalshutdown.
TheLTC3526L/LTC3526LBarehousedina2mm
×2mm
×0.75mmDFNpackage.
L
,LT,LTC,LTM,LinearTechnology,theLinearlogoandBurstModeareregisteredtrademarks
andThinSOTisatrademarkofLinearTechnologyCorporation.Allothertrademarksarethe
propertyoftheirrespectiveowners.
n
Delivers 3.3V at 100mA from a Single Alkaline/
NiMH Cell or 3.3V at 200mA from Two Cells
n
VIN Start-Up Voltage: 680mV
n
1.5V to 5.25V VOUT Range
n
Up to 94% Efficiency
n
Output Disconnect
n
1MHz Fixed Frequency Operation
n
VIN > VOUT Operation
n
Integrated Soft-Start
n
CurrentModeControlwithInternalCompensation
n
BurstMode®Operationwith9µAIQ(LTC3526L)
n
LowNoisePWMOperation(LT3526LB)
n
InternalSynchronousRectifier
n
LogicControlledShutdown(IQ<1µA)
n
Anti-RingControl
n
LowProfile(2mm
×2mm×0.75mm)
DFN-6Package
SW
VIN
1.78M
1M
3526l TA01a
LTC3526L
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
4.7µH
4.7µF
4.7µF
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l TA01b
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
EFFICIENCY
POWER LOSS
VIN = 2.4V
Efficiency and Power Loss vs Load Current
typicAl ApplicAtion
FeAtures
Description


Similar Part No. - LTC3526LB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526LB LINER-LTC3526LB Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3526LB LINER-LTC3526LB Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526LB LINER-LTC3526LB Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3526LB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3535 LINER-LTC3535 Datasheet
248Kb / 16P
Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3535 LINER-LTC3535_15 Datasheet
1Mb / 16P
Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528 LINER-LTC3528_15 Datasheet
337Kb / 18P
1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
1A, 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com