Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3526LB Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology LTC3526LB Datasheet HTML 10Page - Linear Technology LTC3526LB Datasheet HTML 11Page - Linear Technology LTC3526LB Datasheet HTML 12Page - Linear Technology LTC3526LB Datasheet HTML 13Page - Linear Technology LTC3526LB Datasheet HTML 14Page - Linear Technology LTC3526LB Datasheet HTML 15Page - Linear Technology LTC3526LB Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
2-Cell to 3.3V
SW
VIN
1.78M
1M
*TAIYO-YUDEN NP03SB4R7M
3526l TA05a
LTC3526L
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
GND
4.7µH*
1µF
4.7µF
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l TA05b
30
20
10
0
90
100
VIN = 3.0V
VIN = 2.4V
VIN = 1.8V
VOUT = 3.3V
typicAl ApplicAtions
2-Cell to 5V
SW
VIN
3.24M
1.02M
*TAIYO-YUDEN NP03SB6R8M
22pF
3526l TA06a
LTC3526L
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
5V
150mA
OFF ON
GND
6.8µH*
1µF
10µF
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l TA06b
30
20
10
0
90
100
VIN = 3.0V
VIN = 2.4V
VIN = 1.8V
VOUT = 5V
Li-Ion to 5V
SW
VIN
3.24M
1.02M
*TAIYO-YUDEN NP03SB6R8M
22pF
3526l TA08a
LTC3526L
SHDN
VOUT
FB
VIN
2.7V TO 4.3V
VOUT
5V
200mA
OFF ON
GND
6.8µH*
1µF
10µF
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l TA08b
30
20
10
0
90
100
VIN = 4.2V
VIN = 3.6V
VIN = 3.0V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com