Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3526LB Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 2 Page - Linear Technology

  LTC3526LB Datasheet HTML 1Page - Linear Technology LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
VINVoltage................................................... –0.3Vto6V
SWVoltage
DC............................................................ –0.3Vto6V
Pulsed<100ns......................................... –0.3Vto7V
SHDN,FBVoltage........................................ –0.3Vto6V
VOUT............................................................. –0.3Vto6V
OperatingTemperatureRange
(Notes2,5)..............................................–40°Cto85°C
StorageTemperatureRange.................. –65°Cto150°C
(Note 1)
The l denotes the specifications which apply over the specified operating
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MinimumStart-UpInputVoltage
ILOAD=1mA
0.68
0.8
V
InputVoltageRange
AfterStart-Up.(MinimumVoltageisLoadDependent)
l
0.5
5
V
OutputVoltageAdjustRange
l
1.5
5.25
V
FeedbackPinVoltage
l
1.165
1.195
1.225
V
FeedbackPinInputCurrent
VFB=1.30V
1
50
nA
QuiescentCurrent—Shutdown
VSHDN=0V,NotIncludingSwitchLeakage,VOUT=0V
0.01
1
µA
QuiescentCurrent—Active
MeasuredonVOUT,Nonswitching
250
500
µA
QuiescentCurrent—Burst
MeasuredonVOUT,FB>1.230V(LTC3526LOnly)
9
18
µA
N-ChannelMOSFETSwitchLeakageCurrent
VSW=5V
0.1
5
µA
P-ChannelMOSFETSwitchLeakageCurrent
VSW=5V,VOUT=0V
0.1
10
µA
N-ChannelMOSFETSwitchOnResistance
VOUT=3.3V
0.4
Ω
P-ChannelMOSFETSwitchOnResistance
VOUT=3.3V
0.6
Ω
N-ChannelMOSFETCurrentLimit
l
550
750
mA
CurrentLimitDelaytoOutput
(Note3)
60
ns
MaximumDutyCycle
VFB=1.15V
l
87
90
%
MinimumDutyCycle
VFB=1.3V
l
0
%
SwitchingFrequency
l
0.75
1
1.25
MHz
SHDNPinInputHighVoltage
0.8
V
SHDNPinInputLowVoltage
0.3
V
pin conFigurAtion
TOP VIEW
VOUT
FB
SHDN
SW
GND
VIN
DC PACKAGE
6-LEAD (2mm 2mm) PLASTIC DFN
7
1
2
3
6
5
4
TJMAX=125°C,θJA=102°C/W(NOTE6)
EXPOSEDPAD(PIN7)ISGND,MUSTBESOLDEREDTOPCBOARD
electricAl chArActeristics
Absolute MAxiMuM rAtings
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3526LEDC#PBF
LTC3526LEDC#TRPBF
LCSS
6-Lead(2mm
×2mm)PlasticDFN
–40°Cto85°C
LTC3526LBEDC#PBF
LTC3526LBEDC#TRPBF
LCST
6-Lead(2mm
×2mm)PlasticDFN
–40°Cto85°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.
ConsultLTCMarketingforinformationonnon-standardleadbasedfinishparts.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/
orDer inForMAtion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com