Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4365 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 18Page - STMicroelectronics AN4365 Datasheet HTML 19Page - STMicroelectronics AN4365 Datasheet HTML 20Page - STMicroelectronics AN4365 Datasheet HTML 21Page - STMicroelectronics AN4365 Datasheet HTML 22Page - STMicroelectronics AN4365 Datasheet HTML 23Page - STMicroelectronics AN4365 Datasheet HTML 24Page - STMicroelectronics AN4365 Datasheet HTML 25Page - STMicroelectronics AN4365 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
STM32F4 current consumption measuring
AN4365
22/35
DocID025303 Rev 2
Figure 10. Hardware/software environment setting for VDD=1.8 V
2.2.2
Consumption measuring best practices
After setting the hardware and software environment, the user can run the STM32F4 power
consumption firmware and start measuring the current consumption in each mode.
To measure current consumption with the STM32F4 discovery board using the power
consumption switching menu, you should proceed as follows:
•
If Run mode is defined, press the button to enter the first selected Run sub-mode.
Once the LEDs stop blinking, the device starts executing the CoreMark benchmark and
the user should measure the corresponding current before the LEDs return to lighting
status after almost 10 s.
•
If Sleep mode is defined, press the button to enter the first selected Sleep sub-mode.
Once the LEDs stop blinking, the device enters the first selected Sleep sub-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com