Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4365 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 19Page - STMicroelectronics AN4365 Datasheet HTML 20Page - STMicroelectronics AN4365 Datasheet HTML 21Page - STMicroelectronics AN4365 Datasheet HTML 22Page - STMicroelectronics AN4365 Datasheet HTML 23Page - STMicroelectronics AN4365 Datasheet HTML 24Page - STMicroelectronics AN4365 Datasheet HTML 25Page - STMicroelectronics AN4365 Datasheet HTML 26Page - STMicroelectronics AN4365 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID025303 Rev 2
23/35
AN4365
STM32F4 current consumption measuring
34
Once the user has taken the measurement, he should press the button to wake-up
from sleep and pass to the next sub-mode or mode.
If Stop mode is defined, proceed as described for Sleep mode.
If Standby mode is defined, press the button to enter the selected standby sub-mode.
If the sub-mode is with RTC and the wake-up button is not pressed, the device will
wake-up and reset after 20 s. The user should make the measurement before wake-up.
If the defined sub-mode is without RTC, the user should press the button to wake-up
the device after finishing the measurement.
The user should be aware about some constraints while performing the measurement:
For Run, Sleep and Stop modes, the user should put the ammeter in mA scale. For
Standby mode, the user should switch to the µA scale of the ammeter to be able to
measure the standby current.
It is recommended to connect the power supply source to the discovery board only
after power-on at the defined voltage supply (3.3 V or 1.8 V).
The user should ensure that only one of the two power sources is connected: either the
USB connector or the power supply source.
Another concern is the voltage drop out of the ammeter. When set to a low-current
range for measuring static power (stop, standby), there is usually a notable drop across
the ammeter due to its impedance. This can interfere with voltage-sensitive case (1.8 V
measurements), and often a power-down reset will occur. This can be avoided by
increasing the power supply voltage output or using regulation techniques relative to
the VDD input to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com