Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4365 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 27Page - STMicroelectronics AN4365 Datasheet HTML 28Page - STMicroelectronics AN4365 Datasheet HTML 29Page - STMicroelectronics AN4365 Datasheet HTML 30Page - STMicroelectronics AN4365 Datasheet HTML 31Page - STMicroelectronics AN4365 Datasheet HTML 32Page - STMicroelectronics AN4365 Datasheet HTML 33Page - STMicroelectronics AN4365 Datasheet HTML 34Page - STMicroelectronics AN4365 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID025303 Rev 2
31/35
AN4365
STM32F4 low-power application case
34
3.3
Current consumption measurement
The average current consumption is the sum of the total energy consumed by the system in
Dynamic and Static power modes, divided by the average system loop time. The average
current is important because it provides a single value, which can be used to accurately
determine battery life or the total energy use of the system.
This application involves speed (maximum device frequency used for FFT), complexity
(sampling and transfer of 1024 samples) and STM32F4 low-power efficiency using the
Sleep and Standby modes associated with other low-power techniques (described in the
previous chapter).
3.3.1
Measuring current consumption
Figure 17. Application waveform overview
Master current consumption
Figure 18. Calculating Master average current consumption
Average Current (mA)~= (Run1_M*0,11 + Run2_M*0,08 + Sleep*49 + Run3_M*0,6 + StdBy*50,19)/100
Note:
The standby period on the Master side is controlled by the RTC which is driven by the LSI
RC oscillator. The LSI varies from 17 KHz to 47 KHz (refer to the STM32F4 datasheet). This
means that the period can be changed from one device to another, and this can slightly
impact the consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com