Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4472 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 17Page - STMicroelectronics AN4472 Datasheet HTML 18Page - STMicroelectronics AN4472 Datasheet HTML 19Page - STMicroelectronics AN4472 Datasheet HTML 20Page - STMicroelectronics AN4472 Datasheet HTML 21Page - STMicroelectronics AN4472 Datasheet HTML 22Page - STMicroelectronics AN4472 Datasheet HTML 23Page - STMicroelectronics AN4472 Datasheet HTML 24Page - STMicroelectronics AN4472 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
DocID026198 Rev 1
21/44
AN4472
Hardware layout and configuration
44
Figure 14. Acquisition by Program 4, H-Bridge TX1, where C1, C2, C3 and C4 are
XDCR_1, XDCR_2, XDCR_3 and XDCR_4 respectively
3.4.7
Pattern Program 5
The sixth pattern stored in the SPI Flash is described in Table 18, where the output pulses
are in phase and SEL is 1 for the 5-level output option. The state sequence is given in
Table 18.
The test conditions applied to generate the waveforms in Figure 15 and Figure 16 are:
– HVP0 = + 80 V
– HVP1 = + 40 V
– HVM0 = - 80 V
– HVM1 = - 40 V
– Load: 300 pF // 100
Ω
Table 18. Program 5, SEL=1
mode
Frequency
[MHz]
Number of
pulses
Initial pulse
PRF
H-Bridge
XDCR_1
PC
2.5
2
positive
300 µs
TX0
XDCR_2
PC
2.5
2
negative
300 µs
TX1
XDCR_3
PC
5
2
positive
300 µs
TX0
XDCR_4
PC
5
2
negative
300 µs
TX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com