Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4472 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 24Page - STMicroelectronics AN4472 Datasheet HTML 25Page - STMicroelectronics AN4472 Datasheet HTML 26Page - STMicroelectronics AN4472 Datasheet HTML 27Page - STMicroelectronics AN4472 Datasheet HTML 28Page - STMicroelectronics AN4472 Datasheet HTML 29Page - STMicroelectronics AN4472 Datasheet HTML 30Page - STMicroelectronics AN4472 Datasheet HTML 31Page - STMicroelectronics AN4472 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Hardware layout and configuration
AN4472
28/44
DocID026198 Rev 1
3.6
Operating supply conditions
Note:
HVM0 / HVM1 /HVM_CW and HVP0 / HVP1 /HVP_CW are fully independent on the board.
Table 23. DC working supply conditions
Operating supply voltages
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDDP
Positive supply voltage
2.7
3.3
3.6
V
VDDM
Negative supply voltage
-2.7
-3.3
-3.6
V
VDD
Positive logic voltage
1.6
3.3
3.6
V
HVP0
TX0 high voltage positive supply
95
V
HVP1
TX1 high voltage positive supply
95
V
HVM0
TX0 high voltage negative supply
-95
V
HVM1
TX1 high voltage negative supply
-95
V
HVP_CW
CW high voltage positive supply
95
V
HVM_CW
CW high voltage negative supply
-95
V
Table 24. Current consumption in CW mode, @ 5 MHz, HV_CW = ± 5 V, no-load
Current consumption
Symbol
Parameter
Value
Unit
IVDDP
Positive supply current
2
mA
IVDDM
Negative supply current
7
mA
HVP_CW
CW high voltage positive supply current
15
mA
HVM_CW
CW high voltage negative supply current
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com