Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4472 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 19Page - STMicroelectronics AN4472 Datasheet HTML 20Page - STMicroelectronics AN4472 Datasheet HTML 21Page - STMicroelectronics AN4472 Datasheet HTML 22Page - STMicroelectronics AN4472 Datasheet HTML 23Page - STMicroelectronics AN4472 Datasheet HTML 24Page - STMicroelectronics AN4472 Datasheet HTML 25Page - STMicroelectronics AN4472 Datasheet HTML 26Page - STMicroelectronics AN4472 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DocID026198 Rev 1
23/44
AN4472
Hardware layout and configuration
44
Figure 16. Acquisition by Program 5, zoom of Figure 15, where C1, C2, C3 and C4 are
XDCR_1, XDCR_2, XDCR_3 and XDCR_4 respectively
3.4.8
Pattern Program 6
The seventh pattern stored in the SPI Flash is described in Table 20, with the output pulses
in phase and SEL is 0 for the 3-level output option. The state sequence is given in Table 21.
The test conditions applied to generate the waveforms in Figure 17 are:
– HVP0 = HVP1 = + 80 V
– HVP_CW = + 40 V
– HVM0 = HVM1 = - 80 V
– HVM_CW = - 40 V
– Load: 300 pF // 100
Ω
Table 20. Program 6, SEL=0
mode
Frequency
[MHz]
Number of pulses
Initial pulse
PRF
H-Bridge
XDCR_1
PW -CW
2.5
10 (PW) + 10 (CW)
positive
300 µs
TX0 & TX1, CW (0.5 A)
XDCR_2
PW -CW
2.5
10 (PW) + 10 (CW)
negative
300 µs
TX0 & TX1, CW (0.5 A)
XDCR_3
PW -CW
5
10 (PW) + 10 (CW)
positive
300 µs
TX0 & TX1, CW (0.5 A)
XDCR_4
PW -CW
5
10 (PW) + 10 (CW)
negative
300 µs
TX0 & TX1, CW (0.5 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com