Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1535 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 10Page - STMicroelectronics UM1535 Datasheet HTML 11Page - STMicroelectronics UM1535 Datasheet HTML 12Page - STMicroelectronics UM1535 Datasheet HTML 13Page - STMicroelectronics UM1535 Datasheet HTML 14Page - STMicroelectronics UM1535 Datasheet HTML 15Page - STMicroelectronics UM1535 Datasheet HTML 16Page - STMicroelectronics UM1535 Datasheet HTML 17Page - STMicroelectronics UM1535 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Working with pre-flashed software
UM1535
14/39
Doc ID 023036 Rev 2
> version u-boot
> version U-Boot 2010.03-lsp-3.2.5 (Feb 22 2012 - 11:31:43)-SPEAr
To list all Flash memory partitions, use the "imls" command:
u-boot> imls
Legacy Image at E6000000:
Image Name:
Xloader 2010.06-lsp-3.2.5 for sp
Image Type:
ARM Linux Firmware (uncompressed)
Data Size:
27384 Bytes = 26.7 KiB
Load Address: b3801504
Entry Point:
b3801504
Verifying Checksum ... OK
Legacy Image at E6010000:
Image Name:
U-Boot 2010.03-lsp-3.2.5 for spe
Image Type:
ARM Linux Firmware (uncompressed)
Data Size:
196264 Bytes = 191.7 KiB
Load Address: 00700000
Entry Point:
00000000
Verifying Checksum ... OK
Legacy Image at E6050000:
Image Name:
Linux-2.6.37-lsp-3.2.5-spear13xx
Image Type:
ARM Linux Kernel Image (uncompressed)
Data Size:
2579968 Bytes = 2.5 MiB
Load Address: 00008000
Entry Point:
00008000
Verifying Checksum ... OK
2.7.2
Environment variables
A specific subgroup of U-Boot commands very often invoked by end users is related to the
management of environment variables. Such variables are string-type fields that may be
read and written, as well as stored on Flash to guarantee their persistence across system
reboots. Some of these variables have a predefined purpose, but users may also add their
own custom variables. It is important to know that a current environment maintained in DDR
RAM memory can be sometimes different from the persistent environment stored on Flash.
To create a new variable or change the value of an existing one, run the setenv command:
> setenv MYVAR=MYVALUE
To edit existing variables, use the edit command:
> edit MYVAR
> edit: MYVALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com