Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1535 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 25Page - STMicroelectronics UM1535 Datasheet HTML 26Page - STMicroelectronics UM1535 Datasheet HTML 27Page - STMicroelectronics UM1535 Datasheet HTML 28Page - STMicroelectronics UM1535 Datasheet HTML 29Page - STMicroelectronics UM1535 Datasheet HTML 30Page - STMicroelectronics UM1535 Datasheet HTML 31Page - STMicroelectronics UM1535 Datasheet HTML 32Page - STMicroelectronics UM1535 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
UM1535
Working with customized kernels
Doc ID 023036 Rev 2
29/39
To configure the kernel using a default configuration (for example, for SPEAr1340), enter the
kernel source tree directory and run the commands:
$ make distclean
$ make ARCH=arm CROSS_COMPILE=armv7-linux- spear13xx_defconfig
To modify the default configuration, from the terminal run the make ARCH=arm
CROSS_COMPILE=armv7-linux- menuconfig tool in the kernel source tree root directory.
Now you can change all the configuration options.
Use the arrows keys to navigate in the menu structure and change the options. When all
changes are done, save the configuration and exit. The new configuration is saved in a
hidden ".config" file. If you like, you can choose another name.
6.2
Rebuilding the kernel
After the configuration step is finished, the kernel can be rebuilt with a "make" command:
$ make ARCH=arm CROSS_COMPILE=armv7-linux- uImage
If you configured some components as modules, you also need a make ARCH=arm
CROSS_COMPILE= armv7-linux- modules command afterwards.
The time required for the build process is varies depending on the number of features you
choose during the configuration step and your PC speed (usually it takes some minutes).
When the build process is completed, you can find the kernel images in the arch/arm/boot
subdirectory of the kernel tree, both as uncompressed (Image) and compressed (zImage,
uImage) kernel image.
6.3
Workflow models
The kernel binary image is always generated on the development PC. However, there are
many approaches (workflows) to make the kernel operating on the target evaluation board.
The main ones are described in the following subsections.
6.3.1
Booting the kernel on-demand
If the board can be connected to the development PC through an Ethernet LAN, one
solution is to load the kernel binary image file just after reset by configuring U-Boot for
automatic file transfer by TFTP protocol.
This approach is especially useful when frequently modifying the kernel, for instance during
adaptations to a device drivers that are statically linked with kernel code.
To enable TFTP support on the development PC, you must make sure that the TFTP
daemon program /usr/sbin/in.tftpd is installed. On Fedora Core systems you can verify this
by running:
$ rpm -q tftp-server
If necessary, install the TFTP daemon program from your distribution media.
Most Linux distributions disable the TFTP service by default. To enable it, for example on
Fedora systems, edit the file /etc/xinetd.d/tftp and remove the line
disable = yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com