Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1535 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 19Page - STMicroelectronics UM1535 Datasheet HTML 20Page - STMicroelectronics UM1535 Datasheet HTML 21Page - STMicroelectronics UM1535 Datasheet HTML 22Page - STMicroelectronics UM1535 Datasheet HTML 23Page - STMicroelectronics UM1535 Datasheet HTML 24Page - STMicroelectronics UM1535 Datasheet HTML 25Page - STMicroelectronics UM1535 Datasheet HTML 26Page - STMicroelectronics UM1535 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
UM1535
Working at application level (userland)
Doc ID 023036 Rev 2
23/39
4
Working at application level (userland)
4.1
Workflow models
When working at application level (the so-called "userland") developers are only concerned
with programs and libraries stored in a root file system. Bootloaders and the kernel are
assumed to be stable and stored in Flash memory.
There are many approaches (workflows) to modify/extend the root file system for specific
application scenarios; the main ones are described in the following subsections.
4.1.1
Remote mounting of the root file system (NFS)
If the board can be connected to the development PC through a Ethernet LAN, the most
practical solution is to leave the root file system stored on the PC and remotely mount it on
the target embedded Linux OS through the NFS protocol.
The advantages of this approach are:
The root file system has no global size constraints. Developers can keep hundreds or
thousands of packages (programs and libraries) in a directory of their PC disk. All file
access from the Linux OS running on the board is performed over the network in a
transparent way. Files are not copied to Flash memory, but loaded to DDR RAM strictly
on demand.
A program or library can be simply built (compiled and linked) with the output file on the
PC disk; the new version is then available for execution on the board without any need
for manual transfer or board reboot.
The drawbacks are:
File access by NFS over LAN can be slower than direct Flash memory access
There is no early assessment of which files are actually used and of the overall
required size for future migration to Flash memory
To remotely mount the root file system, configure and start the NFS server on Linux PC.
Assuming the NFS server functionality is already provided by your host, the only
configuration is an entry for your target root directory to your /etc/exports file, for example:
For ARMV7
opt/STM/STLinux-2.4/devkit/armv7/target 192.168.0.0/24
(rw,no_root_squash,sync)
For ARMV5
/opt/STM/STLinux-2.4/devkit/armv5/target 192.168.0.0/24
(rw,no_root_squash,sync)
This line exports the /opt/STM/STLinux-2.4/devkit/armvx/target directory with read and write
permission to all hosts on the 192.168.0.0 subnet.
To check NFS availability and start the services, use the following commands (from user
root account):
# rpm -q nfs-utils
After modifying the /etc/exports file, make sure the NFS system is notified about the change,
for example by running the command:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com